PART |
Description |
Maker |
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74ACTQ574PC 74ACQ574 74ACQ574PC 74ACQ574SC 74ACQ57 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs Quiet SeriesOctal D-Type Flip-Flop with 3-STATE Outputs 18-Bit LVTTL-to-GTLP Bus Transceiver with Source Synchronous Clock Outputs 56-TSSOP -40 to 85 Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs Quiet Series⑩ Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SN74LS373 SN74LS373DW SN74LS374M SN74LS373M SN74LS |
LOW POWER SCHOTTKY Octal Transparent Latch with 3-State Outputs Octal D-Type Flip-Flop with 3-State Output
|
ONSEMI[ON Semiconductor]
|
MM74C374N MM74C373 MM74C373M MM74C373N MM74C374M |
3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|
28F256 M28F256-90C1TR M28F256-90C3TR M28F256-90C6T |
Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC 0 to 70 256K2K的8,芯片擦除)闪存 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP 0 to 70 256K32K的8,芯片擦除)闪存 256K(32K x8, Chip Erase)FLASH MEMORY 256K2K的8,芯片擦除)闪存 KAPTON STRAP F/GLASS TUBE PKG/5 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC 0 to 70 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP 0 to 70 256K(32K x8 / Chip Erase)FLASH MEMORY 512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
TC7MH573F TC7MH573FK |
Octal D-Type Flip-Flop with 3-State Output Octal D-Type Latch with 3-State Output
|
Toshiba
|
DM74ALS533 DM74ALS533WM DM74ALS533N DM74ALS533WMX |
Octal D-Type Transparent Latches with 3-STATE Outputs Octal D-Type Transparent Latch with 3-STATE Outputs From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
TC74HCT574AFW TC74HCT574AF TC74HCT574AP E004956 |
OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT From old datasheet system OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTOUTS
|
Toshiba Semiconductor
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
LC866408 LC866412 LC866416 LC866420 LC866424 SANYO |
Octal D-Type Flip-Flops With Clear 20-SO -40 to 85 Octal D-Type Flip-Flops With Clear 20-SOIC -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-VQFN -40 to 85 8-Bit Single Chip Microcontroller with the UVEPROM
|
http:// Sanyo Electric Co.,Ltd.
|